Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

288 420 01 Datasheet (PDF) - Spelsberg

288 420 01 Datasheet PDF - Spelsberg
Part # 288 420 01
Download  288 420 01 Download
File Size   9536.34 Kbytes
Page   4 Pages
Manufacturer  SPELSBERG [Spelsberg]
Direct Link  https://www.spelsberg.com/
Logo SPELSBERG - Spelsberg
Description B-Box 040

288 420 01 Datasheet (PDF)

Go To PDF Page Download Datasheet
288 420 01 Datasheet PDF - Spelsberg

Part # 288 420 01
Download  288 420 01 Click to download

File Size   9536.34 Kbytes
Page   4 Pages
Manufacturer  SPELSBERG [Spelsberg]
Direct Link  https://www.spelsberg.com/
Logo SPELSBERG - Spelsberg
Description B-Box 040

288 420 01 Datasheet (HTML) - Spelsberg


288 420 01 Product details

Perfect Fixation
Space saving clamp technique
5 pole terminal block can be mounted
Condensation opening on each side wall
Included M20 threaded entries
No lock nut reqired
Tool-free assembly
Thermoplast material (halogen free)
Symmetric junction box
8 x Cable entries M20
Clickable cover without screws
Lots of junction space
Fixing points within good reach
Easy Entry for Cable Glands
Watertight sealing of the cable
glands (no rubber ring needed)
Writeable surface on the cover
Inclusive 3 cable glands M20




Similar Part No. - 288 420 01

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
288 GILWAY-288 Datasheet
59Kb / 1P
Subminiature Krypton Lams with Lens(Clear)-End
logo
CTS Corporation
288 CTS-288 Datasheet
523Kb / 4P
16 mm Rotary Encoders
logo
Adafruit Industries
288 ADAFRUIT-288 Datasheet
170Kb / 1P
Solid-Core Wire Spool - 25ft - 22AWG - Red
logo
Keystone Electronics Co...
288 KEYSTONE-288 Datasheet
527Kb / 1P
BATTERY CONTACTS FOR MOLDED CASES
31-07 20th
logo
WAGO Kontakttechnik Gmb...
288-304 WAGO-288-304 Datasheet
372Kb / 6P
Relay module; Nominal input voltage: 24 VDC; 1 changeover contact
More results


Similar Description - 288 420 01

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
VTT1212 PERKINELMER-VTT1212 Datasheet
21Kb / 1P
.040 NPN Phototransistors
VTT9002 PERKINELMER-VTT9002 Datasheet
21Kb / 1P
.040 NPN Phototransistors
logo
TRIAD MAGNETICS
FS28-040 TRIAD-FS28-040 Datasheet
48Kb / 1P
FS28-040
logo
Pomona Electronics
2417 POMONA-2417 Datasheet
21Kb / 1P
Size B Aluminum Box With Cover
2428 POMONA-2428 Datasheet
21Kb / 1P
Size B Aluminum Box With Cover
logo
Agilent(Hewlett-Packard...
E5818A HP-E5818A Datasheet
204Kb / 8P
LXI Class-B Trigger Box
logo
Yamaichi Electronics Co...
NFS-40A-1314BF YAMAICHI-NFS-40A-1314BF Datasheet
45Kb / 1P
B-t-B Socket, 1.27mm Pitch (for NFP Solder Dip Box Header)
logo
Bud Industries, Inc.
PB-1558-TF BUD-PB-1558-TF Datasheet
130Kb / 1P
POTTING BOX (STYLE B,C)
SNB-3738 BUD-SNB-3738 Datasheet
37Kb / 1P
NEMA SHEET METAL BOX - STYLE B
logo
TE Connectivity Ltd
C-1729919 TEC-C-1729919 Datasheet
115Kb / 1P
EXT-TOOL,025/040 CLEAN BODY CONN 025/040
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com